Part Number Hot Search : 
R3000 D2115 SG9435 002DR SMWXXXX SI472 CMPZ4621 1N5637
Product Description
Full Text Search
 

To Download VPR681U075N2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type vpr C55 to 105 oc radial leaded aluminum electrolytic low esr, optional 3rd lead case styles, aluminum electrolytic capacitors type vpr is a radial leaded aluminum electrolytic capacitor with a 105 oc, 2000 hours long life ratings. the vpr has 3 optional case styles with a third lead. the low esr rating makes it ideal for output fltering in switching power supplies. highlights - 105 oc - long life - low esr - high reliability specifcations temperature range C55 oc to +105 oc rated voltage range 6.3 to 100 vdc (250 vdc on special request) capacitance range 250 to 12,000 f capacitance tolerance C10% +75% (others on special request) leakage current i = .002 cv after 2 minutes @ 25 oc c = capacitance in (f) v = rated voltage i = leakage current in a ripple current multipliers qa stability test apply wvdc for 2000 h at 105 oc capacitance change within 15% of initial limits dc leakage current meets initial limits esr 150% of initial measured value rohs compliant cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 temperature (oc) 45 55 65 75 85 95 multiplier 1.66 1.52 1.37 1.2 1 0.75 vpr 372 u 016 l2c 3 a capacitance rated insulating lead type capacitance tolerance voltage case code sleeve confguration (f) (%) (vdc) vpr 100 = 10 u = C10 +75 6r3 = 6.3 see case 0 = no sleeve a = standard 101 = 100 t = C10 +50 016 = 16 code chart 3 = pvc b, j or t C see 372 = 3700 100 = 100 4 = plastic sleeve outline dimensions 5 = plastic sleeve with end seal part numbering system
outline drawing case code cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type vpr C55 to 105 oc radial leaded aluminum electrolytic low esr, optional 3rd lead case styles, aluminum electrolytic capacitors case code chart uninsulated case size case code inches millimeters lead wire size d l s d l s inches awg l1c 0.875 1.125 0.30 22.2 28.6 7.62 0.04 #18 l1l 0.875 1.625 0.30 22.2 41.3 7.62 0.04 #18 l2c 0.875 2.125 0.30 22.2 53.9 7.62 0.04 #18 l2l 0.875 2.625 0.30 22.2 66.7 7.62 0.04 #18 l3c 0.875 3.125 0.30 22.2 79.4 7.62 0.04 #18 l3l 0.875 3.625 0.30 22.2 92.1 7.62 0.04 #18 n1c 1.000 1.125 0.40 25.4 28.6 10.16 0.04 #18 n1l 1.000 1.625 0.40 25.4 41.3 10.16 0.04 #18 n2c 1.000 2.125 0.40 25.4 53.9 10.16 0.04 #18 n2l 1.000 2.625 0.40 25.4 66.7 10.16 0.04 #18 n3c 1.000 3.125 0.40 25.4 79.4 10.16 0.04 #18 n3l 1.000 3.625 0.40 25.4 92.1 10.16 0.04 #18 .281 nominal .375 nominal
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ratings type vpr C55 to 105 oc radial leaded aluminum electrolytic low esr, optional 3rd lead case styles, aluminum electrolytic capacitors max esr max ripple catalog 10 khz 10 khz size in. (mm) cap part number 25 oc 85 oc diameter length lead space lead dia. (f) () (a) (d) (l) (s) (d) 6.3 vdc (8 volts surge) 5,600 vpr562u6r3n1l 0.034 3.767 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 8,800 vpr882u6r3n2c 0.023 5.131 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 12,000 vpr123u6r3n2l 0.018 6.364 1.000 (25.4) 2.625 (66.7) 0.40 (10.2) 0.040 (1.0) 7.5 vdc (10 volts surge) 4,900 vpr492u7r5n1l 0.031 3.820 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 10 vdc (13 volts surge) 4,200 vpr422u010n1l 0.032 3.702 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 12 vdc (18 volts surge) 5,600 vpr562u012n2c 0.021 4.932 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 16 vdc (20 volts surge) 2,300 vpr232u016l1l 0.040 2.863 0.875 (22.2) 1.625 (41.3) 0.30 (7.6) 0.040 (1.0) 3,200 vpr322u016n1l 0.029 3.637 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 3,700 vpr372u016l2c 0.026 3.981 0.875 (22.2) 2.125 ((54.0) 0.30 (7.6) 0.040 (1.0) 5,000 vpr502u016n2c 0.020 4.887 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 6,900 vpr692u016n2l 0.017 6.105 1.000 (25.4) 2.625 (66.7) 0.40 (10.2) 0.040 (1.0) 10,000 vpr103u016n3l 0.012 8.033 1.000 (25.4) 3.625 (92.1) 0.40 (10.2) 0.040 (1.0) 25 vdc (30 volts surge) 640 vpr641u025e1l 0.067 2.390 0.512 (13.0) 1.654 (42.0) 0.20 (5.1) 0.023 (.58) 1,300 vpr132u025l1l 0.035 2.729 0.875 (22.2) 1.625 (41.3) 0.30 (7.6) 0.040 (1.0) 1,800 vpr182u025n1l 0.035 3.006 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 2,800 vpr282u025l2l 0.018 4.732 0.875 (22.2) 2.625 (66.7) 0.30 (7.6) 0.040 (1.0) 2,800 vpr282u025n2c 0.023 4.107 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 3,900 vpr392u025n2l 0.018 5.191 1.000 (25.4) 2.625 (66.7) 0.40 (10.2) 0.040 (1.0) 5,900 vpr592u025n3l 0.014 6.616 1.000 (25.4) 3.625 (92.1) 0.40 (10.2) 0.040 (1.0)
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type vpr C55 to 105 oc radial leaded aluminum electrolytic low esr, optional 3rd lead case styles, aluminum electrolytic capacitors cap (f) catalog part number max esr 10 khz 25 oc () max ripple 10 khz 85 oc (a) size in. (mm) diameter (d) length (l) lead space (s) lead dia. (d) 40 vdc (50 volts surge) 760 vpr761u040l1l 0.040 2.194 0.875 (22.2) 1.625 (41.3) 0.30 (7.6) 0.040 (1.0) 1,600 vpr162u040n2c 0.021 3.755 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 2,200 vpr222u040n2l 0.017 4.732 1.000 (25.4) 2.625 (66.7) 0.40 (10.2) 0.040 (1.0) 2,800 vpr282u040n3c 0.014 5.651 1.000 (25.4) 3.125 (79.4) 0.40 (10.2) 0.040 (1.0) 3,300 vpr332u040n3l 0.014 6.437 1.000 (25.4) 3.625 (92.1) 0.40 (10.2) 0.040 (1.0) 50 vdc (65 volts surge) 600 vpr601u050l1l 0.049 1.964 0.875 (22.2) 1.625 (41.3) 0.30 (7.6) 0.040 (1.0) 1200 vpr122u050n2c 0.028 3.297 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 2,400 vpr242u050n3l 0.015 5.639 1.000 (25.4) 3.625 (92.1) 0.40 (10.2) 0.040 (1.0) 75 vdc (95 volts surge) 450 vpr451u075n1l 0.102 1.779 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0) 680 VPR681U075N2C 0.069 2.420 1.000 (25.4) 2.125 ((54.0) 0.40 (10.2) 0.040 (1.0) 1,100 vpr112u075n3c 0.044 3.577 1.000 (25.4) 3.125 (79.4) 0.40 (10.2) 0.040 (1.0) 100 vdc (125 volts surge) 250 vpr251u100n1l 0.111 1.818 1.000 (25.4) 1.625 (41.3) 0.40 (10.2) 0.040 (1.0)
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of VPR681U075N2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X